Part Number Hot Search : 
AD526 BUH515D LC7584 62812 LH5168H B40K275 M68AW127 MC3420P
Product Description
Full Text Search
 

To Download 0038002099 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0038002099 Active
kk 2.54mm (.100") KK(R) IDT Double Cantilever Contact, 9 Circuits, Tin (Sn), FeedThrough, Friction Ramp and Polarizing Rib, Brown ID Strip
Documents: 3D Model Drawing (PDF)
Product Specification PSX-7690S (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only E29179 EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
Agency Certification
UL
General
Product Family Series Comments Crimp Quality Equipment Overview Product Name IDT and Solder Connectors 7720 Version J Yes kk KK(R)
Physical
Circuits (Loaded) Circuits (maximum) Color - Resin Durability (mating cycles max) Flammability Gender Glow-Wire Compliant Lock to Mating Part Material - Metal Material - Plating Mating Material - Plating Termination Material - Resin Number of Rows Packaging Type Panel Mount Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Stackable Temperature Range - Operating Termination Interface: Style Wire Size AWG 9 9 Natural 5 94V-2 Female No None Brass Tin Tin Nylon 1 Bag No 0.100 In 2.54 mm 0.100 In 2.54 mm Yes No 0C to +50C IDT or Pierce 26 Stranded, 28 Solid, 28 Stranded Topcoat
Search Parts in this Series 7720Series Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Tool for 0638133504 2.54mm (.100") Pitch KK(R) IDT Crimp Terminals IDT - Semi-automatic 0011200412 - Bench-Top Terminator
Electrical
Current - Maximum per Contact Voltage - Maximum 4A 250V
Solder Process Data
Lead-free Process Capability Wave Capable (TH only)
Material Info
Old Part Number 7720SC09J
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing PK-7720-100 PSX-7690S SDA-7720S-*N*
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0038002099

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X